Part Number Hot Search : 
5KP400A T7237A 70236 045FDSP B13CA 5KP400A 1E106 BC108B
Product Description
Full Text Search
 

To Download 2SC5802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3P(H)IS package *High voltage;high speed *Wide area of safe operation APPLICATIONS *For high voltage color display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC5802
Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 10 30 60 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5802
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Fall time CONDITIONS IC=6A; IB=1.5A IC=6A; IB=1.5A VCE=1400V; VBE=0 VCB=800V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=6A ; VCE=5V VCC=200V; IC=6A;IB1=1.2A IB2=-2.4A;RL =33.3? 15 7 0.1 MIN TYP. MAX 3.0 1.5 1.0 10 1.0 48 10 0.3 s UNIT V V mA A mA
SYMBOL VCEsat VBEsat ICES ICBO IEBO hFE-1 hFE-2 tf
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5802
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC5802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X